Part Number Hot Search : 
PCF12 ES3207 15KPA45A CEM4936 C3602EF G25PP IMP1817 2SC13
Product Description
Full Text Search
 

To Download 2N6453 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B-26
01/99
2N6453, 2N6454
N-Channel Silicon Junction Field-Effect Transistor
Audio Amplifiers Low-Noise, High Gain Amplifiers Low-Noise Preamplifiers
Absolute maximum ratings at TA = 25C
Reverse Gate Source Voltage Reverse Gate Drain Voltage Continuous Forward Gate Current Continuous Device Power Dissipation Power Derating
2N6453 2N6454 - 20 V - 25 V - 20 V - 25 V 10 mA 10 mA 360 mW 360 mW 2.88 mW/C 2.88 mW/C
At 25C free air temperature: Static Electrical Characteristics Gate Source Breakdown Voltage V(BR)GSS
2N6453 Min - 20 - 0.1 Max
2N6454 Min - 25 - 0.5 Max Unit V nA nA A -1 A V mA
Process NJ132L Test Conditions IG = - 1 A, VDS = OV VGS = - 10V, VDS = OV VGS = - 15V, VDS = OV VGS = - 10V, VDS = OV VGS = - 15V, VDS = OV VDS = 10V, ID = 0.5 nA VDS = 10V, VGS = OV TA = 125C TA = 125C
Gate Reverse Current
IGSS
- 0.2 - 0.75 - 5 - 0.75 - 5 15 50 15 50
Gate Source Cutoff Voltage Drain Saturation Current (Pulsed) Dynamic Electrical Characteristics Common Source Forward Transmittance Common Source Output Conductance Common Source Input Capacitance Common Source Reverse Transfer Capacitance Equivalent Short Circuit Input Noise Voltage Noise Figure
VGS(OFF) IDSS
| Yfs | | Yos | Ciss Crss eN NF
mS 20 40 100 25 5 5 3 1.5 20 40 100 25 5 8 2.5 mS S S pF pF pF pF nV/Hz dB 10 nV/Hz
VDS = 10V, ID = 5 mA VDS = 10V, ID = 15 mA VDS = 10V, ID = 5 mA VDS = 10V, ID = 15 mA VDS = 10V, ID = 5 mA VDS = 10V, ID = 15 mA VDS = 10V, ID = 5 mA VDS = 10V, ID = 15 mA VDS = 10V, ID = 5 mA VDS = 10V, ID = 5 mA VDS = 10V, ID = 5 mA RG = 10 k
f = 1 kHz f = 1 kHz f = 1 kHz f = 1 kHz f = 1 kHz f = 1 kHz f = 1 kHz f = 1 kHz f = 10 kHz f = 1 kHz f = 10 Hz
TO72 Package
Dimensions in Inches (mm)
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case
1000 N. Shiloh Road, Garland, TX 75042 (972) 487-1287 FAX (972) 276-3375
www.interfet.com
This datasheet has been downloaded from: www..com Datasheets for electronic components.


▲Up To Search▲   

 
Price & Availability of 2N6453

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X